Part Number Hot Search : 
KBU15APT IC18F 960T45 29C02 BP5041A PN3563 AT24C64A KBU1002
Product Description
Full Text Search
 

To Download Z4KE140A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z4KE100 thru Z4KE200A
Vishay General Semiconductor
Glass Passivated Power Voltage-Regulating Diodes
FEATURES * Plastic MELF package * Ideal for automated placement * Glass passivated chip junction * Low Zener impedance * Low regulation factor * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For general purpose regulation and protection applications. PRIMARY CHARACTERISTICS
VZ PD IR TJ max. 100 V to 200 V 1.5 W 0.5 A 150 C
DO-204AL (DO-41)
MECHANICAL DATA Case: DO-204AL (DO-41) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Operating junction and storage temperature range SYMBOL TJ, TSTG VALUE - 55 to + 150 UNIT C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
ZENER VOLTAGE AT 5.0 mA VZ (V) MIN. 90 95 99 104 108 114 117 124 MAX. 110 105 121 116 132 126 143 137 IZT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM ZENER DYNAMIC IMPEDANCE ZZT () 500 500 600 600 700 700 800 800 IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 ZZK () 5000 5000 5000 5000 5000 5000 5000 5000 VR (V) 72.0 76.0 79.2 83.2 86.4 91.2 93.6 99.2 MAXIMUM DC REVERSE LEAKAGE CURRENT AT VR IR AT 25 C (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 IR AT 100 C (A) 100 100 100 100 100 100 100 100 MAXIMUM INSTANTANEOUS FORWARD VOLTAGE AT 0.50 A VFM (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 MAXIMUM CONTINUOUS REGULATOR CURRENT (2) IZM (mA) 15.0 15.0 13.0 13.0 12.0 12.0 11.0 11.0 www.vishay.com 1
TYPE
Z4KE100 Z4KE100A Z4KE110 Z4KE110A Z4KE120 Z4KE120A Z4KE130 Z4KE130A
Document Number: 88408 Revision: 22-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Z4KE100 thru Z4KE200A
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
ZENER VOLTAGE AT 5.0 mA VZ (V) MIN. 126 133 135 142 144 152 153 162 162 171 171 180 180 190 MAX. 154 147 165 158 176 168 187 179 198 189 209 200 220 210 IZT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM ZENER DYNAMIC IMPEDANCE ZZT () 900 900 1000 1000 1100 1100 1200 1200 1300 1300 1400 1400 1500 1500 IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 ZZK () 5000 5500 6000 6000 6500 6500 7000 7000 7000 7000 7500 7500 8000 8000 VR (V) 100 106.4 108.0 113.6 115.2 121.6 122.4 129.6 129.6 136.8 136.8 144.0 144.0 152.0 MAXIMUM DC REVERSE LEAKAGE CURRENT AT VR IR AT 25 C (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 IR AT 100 C (A) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 MAXIMUM INSTANTANEOUS FORWARD VOLTAGE AT 0.50 A VFM (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 MAXIMUM CONTINUOUS REGULATOR CURRENT (2) IZM (mA) 10.7 10.7 10.0 10.0 9.0 9.0 8.8 8.0 8.0 8.0 7.9 7.9 7.0 7.0
TYPE
Z4KE140 Z4KE140A Z4KE150 Z4KE150A Z4KE160 Z4KE160A Z4KE170 Z4KE170A Z4KE180 Z4KE180A Z4KE190 Z4KE190A Z4KE200 Z4KE200A Notes:
(1) Standard voltage tolerance is 10 %, suffix "A" is 5 % (2) Maximum power dissipation is 1.5 W at TL = 75 C with lead length 0.375" (9.5 mm)
ORDERING INFORMATION (Example)
PREFERRED P/N Z4KE100-E3/54 Z4KE100HE3/54 (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.350 0.350 PREFERRED PACKAGE CODE 54 54 BASE QUANTITY 5500 5500 DELIVERY MODE 13" diameter paper tape and reel 13" diameter paper tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.500 60 Hz Resistive or Inductive Load 1.125 10 000 TJ = 25 C IZ(rms) = 0.1 IZ(DC)
PD - Power Dissipation (W)
ZZ - Zener Test Current ()
1000
VZ = 200 V VZ = 180 V VZ = 150 V
0.750 L = 0.375" (9.5 mm) Lead Lengths 0.375
100
VZ = 100 V 0 25 50 75 100 125 150 175 10 0.5 1 10 100
TL - Lead Temperature (C)
TL - Lead Temperature (C)
Figure 1. Power Derating Curve
Figure 2. Typical Zener Impedance
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88408 Revision: 22-Oct-08
Z4KE100 thru Z4KE200A
Vishay General Semiconductor
10
220
VZ - Temperature Coefficient (mV/C)
Instantaneous Forward Current (A)
200 180 160 140 120 100 80 100
Tested at Rated IZT
1
0.1 TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
120
140
160
180
200
Instantaneous Forward Voltage (V)
VZ - Zener Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Temperature Coefficients
10
10
Instantaneous Reverse Current (A)
1
TJ = 100 C
IZT - Test Zener Current (mA)
1
0.1
TJ = 25 C 0.01 0 20 40 60 80 100
0.1 100
150
200
250
Percent of Rated Zener Voltage (%)
VZ - Zener Voltage (V)
Figure 4. Typical Reverse Characteristics
Figure 6. Typical Zener Voltage
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-204AL (DO-41)
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
Document Number: 88408 Revision: 22-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of Z4KE140A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X